PART |
Description |
Maker |
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
MTD6N15 MTD6N15T4G |
Power Field Effect Transistor DPAK for Surface Mount(功率场效应晶体管) 6 A, 150 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 Power MOSFET 150 V, 6 A, N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 6 A, 150 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTD78N03-35G NTD78N03T4G NTD78N03-1G NTD78N03.1G N |
Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: 3 IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 Power MOSFET 25 V, 78 A, Single N?Channel, DPAK
|
ON Semiconductor
|
STP5NK50Z STP5NK50ZFP STB5BK50Z-1 STB5NK50Z STD5NK |
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?Power MOSFET N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 500V - 1.22 OHM - 4.4A TO-220/TO-220FP/DPAK/IPAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH⑩Power MOSFET In Line Fuse Holder; Body Material:Thermoset ; Leaded Process Compatible:Yes; Mounting Type:In Line; Voltage Rating:32V
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STD2HNK60Z STD2HNK60Z-1 STQ2HNK60ZR-AP STF2HNK60Z |
0.5 A, 600 V, 4.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 TO-92, 3 PIN N-channel 600V - 4.4楼? - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH垄芒 Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH?/a> Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH Power MOSFET N-channel 600V - 4.4ヘ - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH⑩ Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STD16NF06L STD16NF06LT4 STD16NF06L-1 |
N-CHANNEL 60V - 0.060 - 24A DPAK/IPAK STripFET II POWER MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 60V - 0.060 & - 16A DPAK STripFET II POWER MOSFET
|
ST Microelectronics
|
NTD70N03R NTD70N03R-1 NTD70N03R-1G NTD70N03RG NTD7 |
Power MOSFET 72 Amps, 25 Volts N-Channel DPAK Power MOSFET 72 A, 25 V, N-Channel DPAK
|
Rectron Semiconductor
|
STD35NF06T4 STD35NF06 |
N-channel 60V - 0.018Ω - 35A - DPAK STripFET II Power MOSFET N-channel 60V - 0.018ヘ - 35A - DPAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STD5NK52ZD STB5NK52ZD-1 STD5NK52ZD-1 STP5NK52ZD |
N-channel 520V - 1.22ヘ - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH⑩ Power MOSFET N-channel 520V - 1.22Ω - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH Power MOSFET N-channel 520V - 1.22楼? - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH垄芒 Power MOSFET
|
STMicroelectronics
|
STD3NK60ZD |
N-channel 600 V, 3.3 Ω, 2.4 A, DPAK SuperFREDMesh?/a> Power MOSFET N-channel 600 V, 3.3 ヘ, 2.4 A, DPAK SuperFREDMesh⑩ Power MOSFET
|
STMicroelectronics
|
|